Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5380 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5380
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5380 Datasheet HTML 1Page - Micrel Semiconductor MIC5380 Datasheet HTML 2Page - Micrel Semiconductor MIC5380 Datasheet HTML 3Page - Micrel Semiconductor MIC5380 Datasheet HTML 4Page - Micrel Semiconductor MIC5380 Datasheet HTML 5Page - Micrel Semiconductor MIC5380 Datasheet HTML 6Page - Micrel Semiconductor MIC5380 Datasheet HTML 7Page - Micrel Semiconductor MIC5380 Datasheet HTML 8Page - Micrel Semiconductor MIC5380 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
5
M9999-110608-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ........................................ –0.3V to +6V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Power Dissipation (PD) ........................... Internally Limited
(3)
Lead Temperature (soldering, 10sec.)....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)....................................... +2.5V to 5.5V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1mm x 1mm Thin MLF-6 (θJA) .........................150°C/W
Electrical Characteristics
(5)
VIN = VEN1 = VEN2 = VOUT + 1V; higher of the two regulator outputs; IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF;
TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
±1
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +85°C
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V, IOUT = 100µA
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 150mA
0.3
1
%
Dropout Voltage
IOUT = 50mA
IOUT = 150mA
55
155
110
310
mV
mV
Ground Pin Current
VEN1 = High; VEN2 = Low; IOUT = 0mA
VEN1 = Low; VEN2 = High; IOUT = 0mA
VEN1 = VEN2 = High; IOUT1 = IOUT2 = 0mA
32
32
59
45
45
85
µA
µA
µA
Ground Pin Current in
Shutdown
VEN1 = VEN2 = 0V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
60
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Auto-Discharge NFET
Resistance
MIC5381 Only; VEN1 = VEN2 = 0V; VIN = 3.6V
30
Ω
Enable Inputs (EN1/EN2)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current
VIH ≥ 1.2V
0.01
1
µA
Turn-on Time
COUT = 1µF
50
125
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com