Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22700 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22700
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22700 Datasheet HTML 1Page - Micrel Semiconductor MIC22700 Datasheet HTML 2Page - Micrel Semiconductor MIC22700 Datasheet HTML 3Page - Micrel Semiconductor MIC22700 Datasheet HTML 4Page - Micrel Semiconductor MIC22700 Datasheet HTML 5Page - Micrel Semiconductor MIC22700 Datasheet HTML 6Page - Micrel Semiconductor MIC22700 Datasheet HTML 7Page - Micrel Semiconductor MIC22700 Datasheet HTML 8Page - Micrel Semiconductor MIC22700 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC22700
July 2009
2
M9999-072209-B
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Lead Finish
MIC22700YML
Adj.
–40° to +125°C
24-Pin 4x4 MLF
®
Pb-Free
Note:
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
PVIN
EN
DELAY
RC
POR/PG
PVIN
PVIN
SVIN
SGND
COMP
FB
PVIN
EP
24-Pin 4mm x 4mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Description
1, 6, 13, 18
PVIN
Power Supply Voltage (Input): Requires bypass capacitor to GND.
17
SVIN
Signal Power Supply Voltage (Input): Requires bypass capacitor-to-GND.
2
EN
Enable/Delay (Input): When this pin is pulled higher than the enable threshold, the
part will start up. Below this voltage the device is in its low quiescent current
mode. The pin has a 1µA current source charging it to VIN. By adding a capacitor
to this pin a delay may easily be generated. The enable function will not operate
with an input voltage lower than the min specified.
4
RC
Ramp Control: Capacitor to ground from this pin determines slew rate of output
voltage during start-up. This can be used for tracking capability as well as soft
start.
14
FB
Feedback: Input to the error amplifier, connect to the external resistor divider
network to set the output voltage.
15
COMP
Compensation pin (Input): Place a RC to GND to compensate the device, see
applications section.
5
POR/PG
Power On Reset (Output): Open-drain output device indicates when the output is
out of regulation and is active after the delay set by the delay pin.
7, 12, 19, 24
PGND
Power Ground: Ground
16
SGND
Signal Ground: Ground
3
DELAY
Delay (Input): Capacitor to ground sets internal delay timer. Timer delays power-
on reset (POR) output at turn-on and ramp down at turn-off.
8, 9, 10, 11,
20, 21, 22, 23
SW
Switch (Output): Internal power MOSFET output switches.
EP
GND
Exposed Pad (Power): Must make a full connection to a GND plane for full output
power to be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com