Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9024 Datasheet(PDF) 2 Page - Silicon image

Part # SII9024
Description  VastLane HDMI Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9024 Datasheet(HTML) 2 Page - Silicon image

  SII9024 Datasheet HTML 1Page - Silicon image SII9024 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9024 Software
& Documentation
Software
• SiI9024 firmware
• PC based diagnostic tool
Documentation
• Programmer's Reference
• Application Notes
• Datasheet
SiI9024 Features
Compliance
• HDMI 1.2a
• Simplay HD
• DVI 1.0
• HDCP 1.2
Digital Video
• Integrated TMDS core
• DTV resolution support - 480i/576i/
480p/576p/720p/1080i/1080p
• PC resolution support - VGA/XGA/
SXGA/WSXGA/UXGA
• Flexible interface to HD MPEG decoders:
- 12/24-bit RGB YCbCr 4:4:4
- 16/20/24-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2
(ITU-R BT.601 & BT.656)
• Integrated YCbCr —> RGB conversion
• 4:2:2 —> 4:4:4 up-converter
• Programmable Data Enable (DE) generator
Digital Audio
• DVD-Audio support thru 4xI2S inputs
• Supports 2-channel 192kHz or
8-channel 96kHz
• Supports IEC60958 2-ch PCM or IEC61937
compressed audio (Dolby Digital, DTS, etc.)
• Industry-standard S/PDIF input
• Integrated MCLK generator
Consumer Electronic Control (CEC)
• Dedicated CEC signals
• Integrated hardware arbitration logic reduces
local CPU overhead
System Operation
• Simplified API programming through
Transmitter Programming Interface (TPI) and
CEC Programming Interface (CPI)
• Programmable DDC controller simplifies
system design
• Flexible interrupt registers with interrupt pin
• Monitor detection supported through hot plug
and receiver sense
Content Protection
• Integrated HDCP cipher engine
• Pre-programmed HDCP keys
• Encrypts both video and audio
Power Management
• 1.2V, 1.8V and 3.3V cores provide
low-power operation
• Flexible power-down modes
Available Packages
• 81-ball BGA (4mm x 4mm, 0.4mm ball pitch)
• 84-ball BGA (6mm x 6mm, 0.5mm ball pitch)
Operating Range
• -20C° to +85C° extended temperature support
© 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9024, SiI9030, VastLane, the VastLane logo and Simplay HD, are trademarks or registered trademarks of Silicon Image, Inc. in
the United States and/or other countries. HDMI, the HDMI logo, High Definition Multimedia Interface, are trademarks or registered trademarks in the United States and/or other countries of, are used under license
from, HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications are subject to change without notice.
Part Number: SiI9024EBU, SiI9024EBU6, SiI9024EBT
SiI-PB-1031 rev3 4/08
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI9024 Circuit Diagram
I2C
Master
I2C
Audio
Capture
Logic
Video
Capture
Logic/
DE GEN
Registers
& Config Logic
Color Space
Converter/
Resampler
SiI 9024
RESET
SDA
SCL
SPDIF
MCLK
WS
CLK
SD[3-0]
D[23-0]
IDCK
HS
VS
DE
CEC_A
CEC_D
DSDA
DSCL
EXT SWING
Tx0±
Tx1±
Tx2±
TxC±
INT
HPD
HDCP
XOR
Logic
HDCP
KEYS
HDCP
Encryption
Engine
HDMI
TMDS
Core



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com