Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9233 Datasheet(PDF) 2 Page - Silicon image

Part # SII9233
Description  VastLane HDMI Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9233 Datasheet(HTML) 2 Page - Silicon image

  SII9233 Datasheet HTML 1Page - Silicon image SII9233 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9233 Starter Kit
(CP9233)
Contents include:
Hardware
• SiI9233 HDMI 1.3 receiver
daughter board
• SiI9134 HDMI 1.3 transmitter
daughter board
• Motherboard
• HDMI to HDMI cable
• AC power supply
Software
• Windows debug software
tool
Documentation
• User's guide
• Schematics
• Bill of materials (BOM)
SiI9233 Features
Industry-Standard Compliance
• HDMI 1.3
• DVI 1.0
• EIA/CEA-861D
• HDCP 1.3
Package
• 20mm x 20mm 144-pin TQFP with ePad
Digital Video Input/Output
• Four HDMI 1.3 ports with MHL support
• Supports video resolutions up to 1080p @
60Hz or 720p/1080i @ 120Hz with 36-bit
color depth
• Flexible digital video interface:
- 24/30/36-bit RGB/YCbCr 4:4:4
- 16/20/24-bit YCbCr 4:2:2
- 8/10/12-bit YCbCr 4:2:2 (ITU-R BT.656)
• Integrated x.v.Color and RGB color space
converter for both RGB-to-YCbCr and
YCbCr-to-RGB (both 601 and 709) with true
12-bit accuracy using 14-bit processing
• 4:2:2 to 4:4:4 converter with 12-bit accuracy
using 14-bit processing
HDMI Receiver Programming Interface
• Minimal software overhead to control device
• Automatic Video and Audio Control
• Automatic mute and un-mute of audio
Built-in Consumer Electronics Control
• HDMI-compliant CEC I/O simplifies design
and lowers cost
• Integrated CEC Programming Interface (CPI)
lowers software overhead
• Automatic Feature Abort response for unsup-
ported commands
• Automatic message retry on transmit
• Integrated EDID in non-volatile memory
• Optional registers to override EDIDs
Power Management
• Flexible power management
• Separate Standby power pin
• Standby power can be obtained locally or
from HDMI +5V signal
• Extremely low standby power
Copyright © 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9233, VastLane and the VastLane logo, MHL and Mobile High-Definition Link are trademarks or registered trade-
marks of Silicon Image, Inc. in the United States and/or other countries. HDMI, the HDMI logo and High-Definition Multimedia Interface are trademarks or registered trademarks in the United States and/or other
countries and are used under license from HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications are subject to
change without notice.
Part Number: SiI9233CTU
SiI-PB-1037 rev1 4/08
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI9233 Typical Application
Up to 4 HDMI or MHL Sources
Blu-ray DVD
HD
Camcorder
Set Top
Box
Mobile
Phone
SiI9233
HDMI
Receiver
w/ MHL
SiI9223
HDMI
Receiver
w/ MHL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com