Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SCR050 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90SCR050
Description  8-bit Microcontroller for Smart Card Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR050 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90SCR050 Datasheet HTML 1Page - ATMEL Corporation AT90SCR050 Datasheet HTML 2Page - ATMEL Corporation AT90SCR050 Datasheet HTML 3Page - ATMEL Corporation AT90SCR050 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 132 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 16MIPS Throughput at 16Mhz
– On-chip 2-cycle Multiplier
• Memories
– 16K Bytes of ROM Program Memory
– 768 Bytes Internal SRAM
• ISO7816 UART Interface Fully compliant with EMV, GIE-CB and WHQL Standards
– Programmable ISO clock from 1 Mhz to 12 Mhz
– Card insertion/removal detection with automatic deactivation sequence
– Programmable Baud Rate Generator from 372 to 3 clock cycles
– Synchronous/Asynchronous Protocols T=0 and T=1 with Direct or Inverse
Convention
– Automatic character repetition on parity errors
– 32 Bit Waiting Time Counter
– 16 Bit Guard Time Counter/Block Guard Time Counter
– Internal Step Up/Down Converter with Programmable Voltage Output if DC/DC
embedded:
• Class A: 5V +/-8% at 60mA, Vcc>2.85 (50mA if Vcc >2.7)
• Class B: 3V +/-8% at 60mA, Vcc>2.85 (50mA if Vcc >2.7)
• Class C: 1.8V +/-8% at 35mA
– 4 kV ESD (MIL/STD 833 Class 3) protection on whole Smart Card Interface
• USB 2.0 Full-speed Device Module
– Complies fully with:
• Universal Serial Bus Specification Rev 2.0
– Supports data transfer rates up to 12 Mbit/s
– Endpoint 0 for Control Transfers : up to 64-bytes
– 4 Programmable Endpoints with IN or OUT Directions and with Bulk, Interrupt or
Isochronous Transfers
– Suspend/Resume Interrupts, and Remote Wake-up Support
– Power-on Reset and USB Bus Reset
– 48 Mhz clock for Full-speed Bus Operation
– USB Bus Disconnection on Microcontroller Request
• Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Compare Mode
– Hardware Watchdog
• Communication Peripherals
– USART interface (up to 2Mbps)
– USART in SPI mode
• Special Microcontroller Feature
– Power-on Reset and Brown-out Detection
– External and Internal Interrupt Sources
– Three Sleep Modes: Idle, Power-down and Standby
8-bit
Microcontroller
for Smart Card
Readers
AT90SCR050
Datasheet
Summary
TPG0450X–SMS–09Nov09


Similar Part No. - AT90SCR050

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
AT90SCR100H-ALR ATMEL-AT90SCR100H-ALR Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
AT90SCR100H-ALT ATMEL-AT90SCR100H-ALT Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
AT90SCR100H-Z1R ATMEL-AT90SCR100H-Z1R Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
More results

Similar Description - AT90SCR050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
8-Bit Microcontroller for Monitor
logo
Renesas Technology Corp
AE45C RENESAS-AE45C Datasheet
242Kb / 2P
HIGH SECURITY 16 BIT SMART CARD MICROCONTROLLER
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
8-bit Microcontroller with Multi protocol SMART Card Interface
AT91SC25672RC ATMEL-AT91SC25672RC Datasheet
58Kb / 4P
32-bit Secure Microcontroller for Smart Cards
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
8-bit Microcontroller for Smart Card Readers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com