Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF22V10C
Description  High performance EE PLD
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF22V10C Datasheet HTML 1Page - ATMEL Corporation ATF22V10C Datasheet HTML 2Page - ATMEL Corporation ATF22V10C Datasheet HTML 3Page - ATMEL Corporation ATF22V10C Datasheet HTML 4Page - ATMEL Corporation ATF22V10C Datasheet HTML 5Page - ATMEL Corporation ATF22V10C Datasheet HTML 6Page - ATMEL Corporation ATF22V10C Datasheet HTML 7Page - ATMEL Corporation ATF22V10C Datasheet HTML 8Page - ATMEL Corporation ATF22V10C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
0735T–PLD–5/09
ATF22V10C(Q)
4.2
AC Waveforms (1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless oth-
erwise specified.
Notes:
1. See ordering information for valid part numbers.
2. 5.5 ns for DIP package devices.
3. 111 MHz for DIP package devices.
CLOCK
4.3
AC Characteristics(1)
Symbol
Parameter
-5
-7
-10
-15
Units
MinMax
Min
Max
MinMax
MinMax
t
PD
Input or Feedback to Combinatorial
Output
1.0
5.0
3.0
7.5
3.0
10.0
3.0
15.0
ns
t
CO
Clock to Output
1.0
4.0
2.0
4.5(2)
2.0
6.5
2.0
8.0
ns
tCF
Clock to Feedback
2.5
2.5
2.5
2.5
ns
t
S
Input or Feedback Setup Time
3.0
3.5
4.5
10.0
ns
t
H
Hold Time
0
0
0
0
ns
f
MAX
External Feedback 1/(tS + tCO)
142.0
125.0(3)
90.0
55.5
MHz
Internal Feedback 1/(t
S + tCF)
166.0
142.0
117.0
80.0
MHz
No Feedback 1/(tWH + tWL)
166.0
166.0
125.0
83.3
MHz
tW
Clock Width (tWL and tWH)
3.0
3.0
3.0
6.0
ns
t
EA
Input or I/O to Output Enable
2.0
6.0
3.0
7.5
3.0
10.0
3.0
15.0
ns
tER
Input or I/O to Output Disable
2.0
5.0
3.0
7.5
3.0
9.0
3.0
15.0
ns
tAP
Input or I/O to Asynchronous Reset of
Register
3.0
7.0
3.0
10.0
3.0
12.0
3.0
20.0
ns
tAW
Asynchronous Reset Width
5.5
7.0
8.0
15.0
ns
tAR
Asynchronous Reset Recovery Time
4.0
5.0
6.0
10.0
ns
t
SP
Setup Time, Synchronous Preset
4.0
4.5
6.0
10.0
ns
t
SPR
Synchronous Preset to Clock
Recovery Time
4.0
5.0
8.0
10.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com