Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATmega162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATmega162 Datasheet HTML 22Page - ATMEL Corporation ATmega162 Datasheet HTML 23Page - ATMEL Corporation ATmega162 Datasheet HTML 24Page - ATMEL Corporation ATmega162 Datasheet HTML 25Page - ATMEL Corporation ATmega162 Datasheet HTML 26Page - ATMEL Corporation ATmega162 Datasheet HTML 27Page - ATMEL Corporation ATmega162 Datasheet HTML 28Page - ATMEL Corporation ATmega162 Datasheet HTML 29Page - ATMEL Corporation ATmega162 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 324 page
background image
26
2513K–AVR–07/09
ATmega162/V
External Memory
Interface
With all the features the External Memory Interface provides, it is well suited to operate as an
interface to memory devices such as external SRAM and FLASH, and peripherals such as LCD-
display, A/D, and D/A. The main features are:
Four Different Wait-state Settings (Including No Wait-state)
Independent Wait-state Setting for Different External Memory Sectors (Configurable Sector Size)
The Number of Bits Dedicated to Address High Byte is Selectable
Bus Keepers on Data Lines to Minimize Current Consumption (Optional)
Overview
When the eXternal MEMory (XMEM) is enabled, address space outside the internal SRAM
becomes available using the dedicated external memory pins (see Figure 1 on page 2, Table 29
on page 70, Table 35 on page 75, and Table 41 on page 81). The memory configuration is
shown in Figure 11.
Figure 11. External Memory with Sector Select
Note:
1. Address depends on the ATmega161 compatibility Fuse. See “SRAM Data Memory” on page
18 and Figure 9 on page 19 for details.
Using the External
Memory Interface
The interface consists of:
AD7:0: Multiplexed low-order address bus and data bus
A15:8: High-order address bus (configurable number of bits)
ALE: Address latch enable
•RD: Read strobe.
•WR: Write strobe.
0x0000
0x04FF/0x045F
(1)
External Memory
(0-64K x 8)
0xFFFF
Internal Memory
SRL[2..0]
SRW11
SRW10
SRW01
SRW00
Lower Sector
Upper Sector
0x0500/0x0460
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com