Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8AI Datasheet(PDF) 265 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 265 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 261Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 262Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 263Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 264Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 265Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 266Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 267Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 268Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 269Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 324 page
background image
265
2513K–AVR–07/09
ATmega162/V
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at Vcc = 5V, 10 mA at Vcc = 3V) under steady state
conditions (non-transient), the following must be observed:
PDIP Package:
1] The sum of all IOL, for all ports, should not exceed 200 mA.
2] The sum of all IOL, for port B0 - B7, D0 - D7, and XTAL2, should not exceed 100 mA.
3] The sum of all IOL, for ports A0 - A7, E0 - E2, C0 - C7, should not exceed 100 mA.
TQFP and QFN/MLF Package:
1] The sum of all IOL, for all ports, should not exceed 400 mA.
2] The sum of all IOL, for ports B0 - B7, D0 - D7, and XTAL2, should not exceed 200 mA.
3] The sum of all IOL, for ports C0 - C7 and E1 - E2, should not exceed 200 mA.
4] The sum of all IOL, for ports A0 - A7 and E0, should not exceed 200 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20 mA at Vcc = 5V, 10 mA at Vcc = 3V) under steady state
conditions (non-transient), the following must be observed:
PDIP Package:
1] The sum of all IOH, for all ports, should not exceed 200 mA.
2] The sum of all IOH, for port B0 - B7, D0 - D7, and XTAL2, should not exceed 100 mA.
3] The sum of all IOH, for ports A0 - A7, E0 - E2, C0 - C7, should not exceed 100 mA.
TQFP and MLF Package:
1] The sum of all IOH, for all ports, should not exceed 400 mA.
2] The sum of all IOH, for ports B0 - B7, D0 - D7, and XTAL2, should not exceed 200 mA.
3] The sum of all IOH, for ports C0 - C7 and E1 - E2, should not exceed 200 mA.
4] The sum of all IOH, for ports A0 - A7 and E0, should not exceed 200 mA.
ICC
Power Supply Current
Active 1 MHz, V
CC = 2V
(ATmega162V)
0.8
mA
Active 4 MHz, VCC = 3V
(ATmega162/V)
5mA
Active 8 MHz, V
CC = 5V
(ATmega162)
16
mA
Idle 1 MHz, V
CC = 2V
(ATmega162V)
0.3
mA
Idle 4 MHz, VCC = 3V
(ATmega162/V)
2mA
Idle 8 MHz, V
CC = 5V
(ATmega162)
8mA
Power-down mode
WDT Enabled,
VCC = 3.0V
< 10
14
µA
WDT Disabled,
VCC = 3.0V
< 1.5
2
µA
VACIO
Analog Comparator Input Offset
Voltage
VCC = 5V
Vin = VCC/2
< 10
40
mV
IACLK
Analog Comparator Input Leakage
Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACPD
Analog Comparator Propagation
Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com