Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8AI Datasheet(PDF) 267 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 267 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 263Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 264Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 265Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 266Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 267Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 268Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 269Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 270Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 271Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 324 page
background image
267
2513K–AVR–07/09
ATmega162/V
External Clock
Drive Waveforms
Figure 115. External Clock Drive Waveforms
External Clock
Drive
VIL1
VIH1
Table 112. External Clock Drive
Symbol
Parameter
VCC = 1.8 - 5.5V
VCC =2.7 - 5.5V
VCC = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator
Frequency
01
0
8
0
16
MHz
tCLCL
Clock Period
1000
125
62.5
ns
tCHCX
High Time
400
50
25
ns
tCLCX
Low Time
400
50
25
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in
period from one
clock cycle to
the next
22
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com