Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161D Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT45DB161D
Description  16-megabit 2.5-volt or 2.7-volt DataFlash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT45DB161D Datasheet HTML 44Page - ATMEL Corporation AT45DB161D Datasheet HTML 45Page - ATMEL Corporation AT45DB161D Datasheet HTML 46Page - ATMEL Corporation AT45DB161D Datasheet HTML 47Page - ATMEL Corporation AT45DB161D Datasheet HTML 48Page - ATMEL Corporation AT45DB161D Datasheet HTML 49Page - ATMEL Corporation AT45DB161D Datasheet HTML 50Page - ATMEL Corporation AT45DB161D Datasheet HTML 51Page - ATMEL Corporation AT45DB161D Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
3500M–DFLASH–04/09
AT45DB161D
26. Ordering Information
26.1 Ordering Code Detail
AT 4 5 D
1 6
S S U
1D –
B
Atmel Designator
Product Family
Device Density
16 = 16-megabit
Interface
1 = Serial
Package Option
M
= 8-lead, 6 x 5 x 1 mm MLF (VDFN)
S
= 8-lead, 0.209" wide SOIC
T
= 28-lead, TSOP
Device Grade
U = Matte Sn lead finish, industrial
temperature range (-40°C to +85°C)
Device Revision
C
= 24 Ball BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com