Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 219Page - ATMEL Corporation ATmega165 Datasheet HTML 220Page - ATMEL Corporation ATmega165 Datasheet HTML 221Page - ATMEL Corporation ATmega165 Datasheet HTML 222Page - ATMEL Corporation ATmega165 Datasheet HTML 223Page - ATMEL Corporation ATmega165 Datasheet HTML 224Page - ATMEL Corporation ATmega165 Datasheet HTML 225Page - ATMEL Corporation ATmega165 Datasheet HTML 226Page - ATMEL Corporation ATmega165 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 336 page
background image
223
ATmega165/V
2573G–AVR–07/09
HOLD
Input
Sample & Hold signal.
Sample analog signal
when low. Hold signal
when high. If
differential amplifier
are used, this signal
must go active when
ACLK is high.
11
IREFEN
Input
Enables Band-gap
reference as AREF
signal to DAC
00
MUXEN_7
Input
Input Mux bit 7
0
0
MUXEN_6
Input
Input Mux bit 6
0
0
MUXEN_5
Input
Input Mux bit 5
0
0
MUXEN_4
Input
Input Mux bit 4
0
0
MUXEN_3
Input
Input Mux bit 3
0
0
MUXEN_2
Input
Input Mux bit 2
0
0
MUXEN_1
Input
Input Mux bit 1
0
0
MUXEN_0
Input
Input Mux bit 0
1
1
NEGSEL_2
Input
Input Mux for negative
input for differential
signal, bit 2
00
NEGSEL_1
Input
Input Mux for negative
input for differential
signal, bit 1
00
NEGSEL_0
Input
Input Mux for negative
input for differential
signal, bit 0
00
PASSEN
Input
Enable pass-gate of
differential amplifier.
11
PRECH
Input
Precharge output latch
of comparator. (Active
low)
11
Table 88. Boundary-scan Signals for the ADC
(1) (Continued)
Signal
Name
Direction
as Seen
from the
ADC
Description
Recommen-
ded Input
when not
in Use
Output Values when
Recommended Inputs
are Used, and CPU is
not Using the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com