Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165 Datasheet(PDF) 226 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 222Page - ATMEL Corporation ATmega165 Datasheet HTML 223Page - ATMEL Corporation ATmega165 Datasheet HTML 224Page - ATMEL Corporation ATmega165 Datasheet HTML 225Page - ATMEL Corporation ATmega165 Datasheet HTML 226Page - ATMEL Corporation ATmega165 Datasheet HTML 227Page - ATMEL Corporation ATmega165 Datasheet HTML 228Page - ATMEL Corporation ATmega165 Datasheet HTML 229Page - ATMEL Corporation ATmega165 Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 336 page
background image
226
ATmega165/V
2573G–AVR–07/09
ATmega165 Boundary-
scan Order
Table 90 shows the Scan order between TDI and TDO when the Boundary-scan chain
is selected as data path. Bit 0 is the LSB; the first bit scanned in, and the first bit
scanned out. The scan order follows the pin-out order as far as possible. Therefore, the
bits of Port A is scanned in the opposite bit order of the other ports. Exceptions from the
rules are the Scan chains for the analog circuits, which constitute the most significant
bits of the scan chain regardless of which physical pin they are connected to. In Figure
101, PXn. Data corresponds to FF0, PXn. Control corresponds to FF1, and PXn. Pull-
up_enable corresponds to FF2. Bit 4, 5, 6, and 7of Port F is not in the scan chain, since
these pins constitute the TAP pins when the JTAG is enabled.
Table 90. ATmega165 Boundary-scan Order
Bit Number
Signal Name
Module
197
AC_IDLE
Comparator
196
ACO
195
ACME
194
AINBG
193
COMP
ADC
192
ACLK
191
ACTEN
190
PRIVATE_SIGNAL1(1)
189
ADCBGEN
188
ADCEN
187
AMPEN
186
DAC_9
185
DAC_8
184
DAC_7
183
DAC_6
182
DAC_5
181
DAC_4
180
DAC_3
179
DAC_2
178
DAC_1
177
DAC_0
176
EXTCH
175
GNDEN
174
HOLD
173
IREFEN
172
MUXEN_7
171
MUXEN_6
170
MUXEN_5
169
MUXEN_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com