Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS1750 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS1750
Description  Hall Effect Base Linear Current Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1750 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS1750 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1750 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1750 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WCS1750
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2009/9/9
IP= +10 A
+29 +32 +35
Sensitivity
△
Vout
IP= -10 A
-30
-33
-36
mV/A
Bandwidth
BW
-
23
-
kHz
Vdd=5V
-
±
60
-
Measurable Current Range
MCR
Vdd=12V
-
±
120 -
A
Temperature Drift
△
Vout
Ip =0 A
-
±
0.5
-
mV/℃
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
Normalized Sensitivity (by 30oC) vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120 oC
Package Information:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com