Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT25DF021_09 Datasheet HTML 11Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 12Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 13Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 14Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 15Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 16Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 17Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 18Page - ATMEL Corporation AT25DF021_09 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
3677D–DFLASH–04/09
AT25DF021
Registers Locked) bit of the Status Register (please refer to the Status Register description for
more details). If the Sector Protection Registers are locked, then any attempts to issue the
Unprotect Sector command will be ignored, and the device will reset the WEL bit in the Status
Register back to a logical “0” and return to the idle state once the CS pin has been deasserted.
Figure 9-4.
Unprotect Sector
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sec-
tor and Unprotect Sector functions. For example, a system can globally protect the entire
memory array and then use the Unprotect Sector command to individually unprotect certain sec-
tors and individually reprotect them later by using the Protect Sector command. Likewise, a
system can globally unprotect the entire memory array and then individually protect certain sec-
tors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combina-
tion of data to the Status Register using the Write Status Register Byte 1 command (see “Write
Status Register” on page 25 for command execution details). The Write Status Register com-
mand is also used to modify the SPRL (Sector Protection Registers Locked) bit to control
hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the
system must write a logical “1” to bits 5, 4, 3, and 2 of the first byte of the Status Register. Con-
versely, to perform a Global Unprotect, the same WP and SPRL conditions must be met but the
system must write a logical “0” to bits 5, 4, 3, and 2 of the first byte of the Status Register. Table
9-2 details the conditions necessary for a Global Protect or Global Unprotect to be performed.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com