Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V857 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS95V857_09 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857_09 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS95V857
0674U—01/27/09
Pin Configuration
40-Pin MLF
56-Ball BGA
Top View
GND
CLKC2
CLKT2
VDD
CLK_INT
CLK_INC
VDD
AVDD
AGND
GND
CLKC7
CLKT7
VDD
PD#
FB_INT
FB_INC
VDD
VDD
FB_OUTC
FB_OUTT
1
10
11
20
21
31
30
40
ICS95V857
A
B
123456
C
D
E
F
G
H
J
K
12345
6
A
CLKT0
CLKC0
GND
GND
CLKC5
CLKT5
B
CLKC1
CLKT1
VDD
VDD
CLKT6
CLKC6
C
GND
GND
NC
NC
GND
GND
D
CLKT2
CLKC2
NC
NC
CLKC7
CLKT7
E
VDD
VDD
NB
NB
VDD
PD#
F
CLK_INT
CLK_INC
NB
NB
FB_INC
FB_INT
G
VDD
AVDD
NC
NC
FB_OUTC
VDD
H
AGND
GND
NC
NC
GND
FB_OUTT
J
CLKC3
CLKT3
VDD
VDD
CLKT8
CLKC8
K
CLKT4
CLKC4
GND
GND
CLKC9
CLKT9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com