Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893 Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 17Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 18Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 19Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 20Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 21Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 22Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 23Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 24Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 25Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
Chapter 5
Operating Modes Overview
ICS1893 Rev C 6/6/00
June, 2000
21
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
5.1.2
Specific Reset Operations
This section discusses the following specific ways that the ICS1893 can be reset:
Hardware reset (using the RESETn pin)
Power-on reset (applying power to the ICS1893)
Software reset (using Control Register bit 0.15)
Note:
At the completion of a reset (either hardware, power-on, or software), the ICS1893 sets all
registers to their default values.
5.1.2.1
Hardware Reset
Entering Hardware Reset
Holding the active-low RESETn pin low for a minimum of five REF_IN clock cycles initiates a hardware
reset (that is, the ICS1893 enters the reset state). During reset, the ICS1893 executes the steps listed in
Section 5.1.1.1, “Entering Reset”.
Exiting Hardware Reset
After the signal on the RESETn pin transitions from a low to a high state, the ICS1893 completes in 640 ns
(that is, in 16 REF_IN clocks) steps 1 through 5, listed in Section 5.1.1.2, “Exiting Reset”. After the first five
steps are completed, the Serial Management Port is ready for normal operations, but this action does not
signify the end of the reset cycle. The reset cycle completes when the transmit clock (TXCLK) and receive
clock (RXCLK) are available, which is typically 53 ms after the RESETn pin goes high. [For details on this
transition, see Section 10.5.18, “Reset: Hardware Reset and Power-Down”.]
Note:
1.
The MAC/Repeater Interface is not available for use until the TXCLK and RXCLK are valid.
2.
The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset.
5.1.2.2
Power-On Reset
Entering Power-On Reset
When power is applied to the ICS1893, it waits until the potential between VDD and VSS achieves a
minimum voltage before entering reset and executing the steps listed in Section 5.1.1.1, “Entering Reset”.
After entering reset from a power-on condition, the ICS1893 remains in reset for approximately 20
µs. (For
details on this transition, see Section 10.5.17, “Reset: Power-On Reset”.)
Exiting Power-On Reset
The ICS1893 automatically exits reset and performs the same steps as for a hardware reset. (See Section
5.1.1.2, “Exiting Reset”.)
Note:
The only difference between a hardware reset and a power-on reset is that during a power-on
reset, the ICS1893 isolates its RESETn input pin. All other functionality is the same. As with a
hardware reset, Control Register bit 0.15 does not represent the status of a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com