Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA102STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LDA102STR
Description  Unidirectional-Input, Single-Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA102STR Datasheet(HTML) 4 Page - Clare, Inc.

  LDA102STR Datasheet HTML 1Page - Clare, Inc. LDA102STR Datasheet HTML 2Page - Clare, Inc. LDA102STR Datasheet HTML 3Page - Clare, Inc. LDA102STR Datasheet HTML 4Page - Clare, Inc. LDA102STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
LDA102
R01
MECHANICAL DIMENSIONS
Manufacturing Information
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
6.350 ± 0.127
(0.250 ± 0.005)
2.540 ± 0.127
(0.100 ± 0.005)
7.620 ± 0.127
(0.300 ± 0.005)
5.080 ± 0.127
(0.200 0.005)
6 - 0.800 DIA.
(6 - 0.031 DIA.)
6-Pin DIP Thru-Hole Package
PC Board Pattern
0.254 TYP
(0.010 TYP)
9.144 ± 0.508
(0.360 ± 0.020)
7.239 TYP
(0.285 TYP)
7.620 ± 0.254
(0.300 ± 0.010)
3.302 ± 0.051
(0.130 ± 0.002)
4.064 TYP
(0.160 TYP)
0.457 ± 0.076
(0.018 ± 0.003)
Dimensions
mm
(inches)
8.382 ± 0.381
(0.330 ± 0.015)
2.54 ± 0.127
(0.100 ± 0.005)
6.350 ± 0.127
(0.250 ± 0.005)
1.651 ± 0.254
(0.065 ± 0.010)
0.254 ± 0.0127
(0.010 ± 0.0005)
7.620 ± 0.254
(0.300 ± 0.010)
0.635 ± 0.127
(0.025 ± 0.005)
6-Pin Surface Mount Package (”S” Suffix)
Recommended PCB Land Pattern
Dimensions
mm
(inches)
3.302 ± 0.051
(0.130 ± 0.002)
4.445 ± 0.254
(0.175 ± 0.010)
2.54
(0.10)
8.90
(0.3503)
1.65
(0.0649)
0.65
(0.0255)
8.382 ± 0.381
(0.330 ± 0.015)
2.54 ± 0.127
(0.100 ± 0.005)
9.524 ± 0.508
(0.375 ± 0.020)
6.350 ± 0.127
(0.250 ± 0.005)
0.457 ± 0.076
(0.018 ± 0.003)
1.651 ± 0.254
(0.065 ± 0.010)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com