Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA110 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LDA110
Description  Bidirectional Input, Darlington Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA110 Datasheet(HTML) 3 Page - Clare, Inc.

  LDA110 Datasheet HTML 1Page - Clare, Inc. LDA110 Datasheet HTML 2Page - Clare, Inc. LDA110 Datasheet HTML 3Page - Clare, Inc. LDA110 Datasheet HTML 4Page - Clare, Inc. LDA110 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDA110
www.clare.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
LDA110
LED Voltage vs. Current
(T
A=25ºC)
LED Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
LDA110
LED Voltage vs. Current (Log)
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LDA110
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
LED Forward Current (mA)
2468
10
0
5000
10000
15000
20000
LDA110
Typical CTR vs. LED Forward Current
(T
A=25ºC, VCE=5V)
0
-40ºC
85ºC
25ºC
LDA110
Typical Collector Current
vs. Collector Voltage
(T
A=25ºC)
Collector Voltage V
CE (V)
0123
456
0
50
100
150
200
250
I
F=10mA
I
F=20mA
I
F=5mA
I
F=1mA
I
F=2mA
I
F=0.5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
LDA110
I
CE Current vs. Temperature
(V
CE=5V)
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
I
F=0.5mA
I
F=0.2mA
I
F=0.1mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
LDA110
V
CE(sat) vs. Temperature
(I
F=1mA, IC=3mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
LDA110
Leakage Current vs. Temperature
V
CC=10V
V
CC=3V
V
CC=5V
Load Resistance (
Ω)
1x102
1x103
1x104
1x105
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
LDA110
Turn-On Time vs. Load Resistance
(T
A=25ºC, VCC=5V, IF=1mA)
Load Resistance (
Ω)
1x102
1x103
1x104
1x105
0
5000
10000
15000
LDA110
Turn-Off Time vs. Load Resistance
(T
A=25ºC, VCC=5V, IF=1mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com