Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA111 Datasheet(PDF) 1 Page - Clare, Inc.

Part # LDA111
Description  Unidirectional Input, Darlington Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA111 Datasheet(HTML) 1 Page - Clare, Inc.

  LDA111 Datasheet HTML 1Page - Clare, Inc. LDA111 Datasheet HTML 2Page - Clare, Inc. LDA111 Datasheet HTML 3Page - Clare, Inc. LDA111 Datasheet HTML 4Page - Clare, Inc. LDA111 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Unidirectional Input, Darlington Transistor Output
Optocoupler
www.clare.com
DS-LDA111-R04
1
LDA111
RoHS
2002/95/EC
e3
Pb
Part Number
Description
LDA111
6-Pin DIP (50/tube)
LDA111S
6-Pin Surface Mount (50/tube)
LDA111STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio -
CTR (typical)
8500
%
Saturation Voltage - V
CE(sat)
1V
Input Control Current - I
F
1mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• Unidirectional Input
• Small 6-Pin Package, Thru-Hole or Surface Mount
• 100mA Continuous Load Rating
• 3750V
rms Input/Output Isolation
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Packaging Available
LDA111 is a unidirectional input optocoupler with
a Darlington transistor output. The LDA111 has a
minimum current transfer ratio (CTR) of 300% with a
maximum value of 30,000%.
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
1
3
2
A
K
4
5
6
B
C
E


Similar Part No. - LDA111

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
Solid State Current Sensors
logo
IXYS Corporation
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA111S CLARE-LDA111S Datasheet
69Kb / 5P
Solid State Current Sensors
logo
IXYS Corporation
LDA111S IXYS-LDA111S Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA111STR CLARE-LDA111STR Datasheet
69Kb / 5P
Solid State Current Sensors
More results

Similar Description - LDA111

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA211 IXYS-LDA211 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
LDA213 IXYS-LDA213 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com