Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM3U
Description  AT91 ARM Thumb-based Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM3U Datasheet HTML 1Page - ATMEL Corporation ATSAM3U Datasheet HTML 2Page - ATMEL Corporation ATSAM3U Datasheet HTML 3Page - ATMEL Corporation ATSAM3U Datasheet HTML 4Page - ATMEL Corporation ATSAM3U Datasheet HTML 5Page - ATMEL Corporation ATSAM3U Datasheet HTML 6Page - ATMEL Corporation ATSAM3U Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
6483A–ATARM–04-Aug-09
ATSAM3U Errata
Use NCS1 available on PC12 (Peripheral A) or use a another chip select or drive the chip select
by software.
Problem Fix
This issue will be fixed in the next revision.
1.2.8
Backup Mode
1.2.8.1
Backup mode: VDDUTMI current consumption in Backup mode
In Backup mode, the current consumption measured on VDDUMTI can be around 500 µA
instead of less than 0.1 µA.
Workaround
Disable externally the voltage on VDDUTMI in Backup mode.
Problem Fix
This issue will be fixed in the next revision.
1.2.8.2
Backup mode: the PIO states are not kept
When entering in Backup mode with WFE command, the PIO states are not kept. All the PIOs
go into input with pull-up state in Backup mode.
Workaround
.Instead of using the WFE command to go into Backup mode, set the VROFF bit (SUPC_CR).
Problem Fix
This issue will be fixed in the next revision.
1.2.9
Wait Mode
1.2.9.1
Wait mode: VDDCORE current consumption
Some parts may show a higher current consumption than expected (50 µA instead of 5 µA) on
VDDCORE.
Workaround
None.
Problem Fix
This issue will be fixed in the next revision.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com