Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM3U2C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT91SAM3U2C
Description  AT91 ARM Thumb-based Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM3U2C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT91SAM3U2C Datasheet HTML 1Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 2Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 3Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 4Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 5Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 6Page - ATMEL Corporation AT91SAM3U2C Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
6483A–ATARM–04-Aug-09
ATSAM3U Errata
1.2.5
Power Management Controller (PMC)
1.2.5.1
PMC: SysTick does not work properly if MCK/8 is selected as clock source
The System Tick (SysTick) of the Cortex®-M3 has two sources of clock, either MCK or MCK/8
and is configured by the CLKSOURCE bit of the SysTick CTRL register.
When setting CLKSOURCE to 0 (MCK/8), SysTick does not work properly.
Workaround
Set CLKSOURCE at 1 (MCK selected as SysTick source).
Problem Fix
This issue will be fixed in the next revision.
1.2.5.2
PMC: Main Oscillator Crystal Failure detection not functional
When the 32768 Hz Crystal Oscillator is selected as slow clock source and if the Main Oscillator
Crystal Failure detection is enabled, the CFDEV, CFDS and FOS status bits in the PMC_SR
register do not rise.
Workaround
Use the Embedded 32 kHz RC Oscillator as slow clock source.
Problem Fix
This issue will be fixed in the next revision.
1.2.5.3
PMC: Main Oscillator Frequency selection if the Main On Chip RC Oscillator is off
When the 4/8/12 MHz RC Oscillator is off, the frequency selection (MOSCRCF in CKGR_MOR)
can not be changed. The register can be written but the modification on MOSCRCF will not be
taken into account.
Workaround
Modify MOSCRCF when the 4/8/12 MHz RC Oscillator is on (MOSCRCEN =1).
Problem Fix
This issue will be fixed in the next revision.
1.2.6
SAM3U Matrix (MATRIX)
1.2.6.1
MATRIX: I/D default master for Flash after reset
The I/D Cortex-M3 bus is not set as default master for the Flash after reset. There is a minor
impact in terms of performance when running the code from the Flash (about 5%).
Workaround
Configure by software the I/D Cortex-M3 bus as default Master for the Flash.
Problem Fix
This issue will be fixed in the next revision.
1.2.7
PIO
1.2.7.1
PIO: NCS1 on PA16
The chip select 1 (NCS1) of the SMC on PA16 (Peripheral B) does not work.
Workaround



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com