Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R32C111 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R32C111
Description  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C111 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R32C111_09 Datasheet HTML 5Page - Renesas Technology Corp R32C111_09 Datasheet HTML 6Page - Renesas Technology Corp R32C111_09 Datasheet HTML 7Page - Renesas Technology Corp R32C111_09 Datasheet HTML 8Page - Renesas Technology Corp R32C111_09 Datasheet HTML 9Page - Renesas Technology Corp R32C111_09 Datasheet HTML 10Page - Renesas Technology Corp R32C111_09 Datasheet HTML 11Page - Renesas Technology Corp R32C111_09 Datasheet HTML 12Page - Renesas Technology Corp R32C111_09 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 9 of 99
R32C/111 Group
1. Overview
Figure 1.1
Part Numbering of Product
Part Number
R5 F 64 11 6 N XXX FB
Package Code
FB : PLQP0100KB-A
FP : PLQP0080KB-A
FN : PLQP0064KB-A
LG : PTLG0100KA-A
ROM Number
Omitted in the flash memory version
Memory Type
F : Flash memory version
R32C/111 Group
R32C/100 Series
ROM/RAM Capacity
0 : 256 KB/63 KB
1 : 384 KB/63 KB
2 : 512 KB/63 KB
4 : 256 KB/40 KB
5 : 384 KB/40 KB
6 : 512 KB/40 KB
E : 128 KB/32 KB
F : 256 KB/32 KB
Temperature Code
N : -20°C to 85°C
D : -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com