Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2135CANFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F2135CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2135CANFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F2135CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 50Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 51Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 52Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 53Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 54Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 55Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 56Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 57Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
C - 1
REVISION HISTORY
R8C/35A Group Datasheet
Rev.
Date
Description
Page
Summary
0.01
Oct 26, 2007
−
First Edition issued
0.10
Jan 16, 2008
2
Table 1.1 Interrupts: Specification “• Number of interrupt vectors: 69”
→
“• Number of interrupt vectors: 69”
3
Table 1.2 Serial Interface: Specification revised, Note1 deleted
6
Figure 1.3 revised
7
Table 1.4 Pin Number: 13, 35 revised
9
Table 1.6 Table 1.6 XIN clock input, XIN clock output:
I/O Type, Description revised
Note2 added
14
Figure 3.1 “Expanded area” deleted, Note1 revised
27 to 53 5. Electrical Characteristics added
0.40
Dec 05, 2008
1
1.1 “These MCUs also use an .... are designed to withstand EMI.”
→
“These MCUs are designed to maximize EMI/EMS performance.”
2
Table 1.1 revised
3
Table 1.2 revised
5
Figure 1.2 revised
6
Figure 1.3 “P4_6/XIN(/XCIN)”
→ “P4_6/XIN”
“P4_7/XOUT(/XCOUT)”
→ “P4_7/XOUT”
7
Table 1.4 revised
8
Table 1.5 revised
10
Table 1.7 Voltage detection circuit added
14
Figure 3.1 revised
15
Table 4.1 “0XXX00XXb”
→ “0XXXXXXXb”
Note2 revised
16
Table 4.2 004Fh, 0072h, 0073h: revised
18
Table 4.4 00C0h, 00D8h, 00D9h revised
21
Table 4.7 019Ah “00010000b /” added
27, 28, 30
to 36, 38
to 43, 46
to 48, 50,
51
Table 5.1 to Table 5.15, Table 5.17 to Table 5.19,
Table 5.24 to Table 5.26, Table 5.30, Table 5.31 revised
Figure 5.3 to Figure 5.6 revised
1.00
Sep 10, 2009
All pages “Preliminary” “Under development” “High-speed on-chip oscillator”
deleted
4
Table 1.3 revised
9
Table 1.6 Note 2 deleted
26
Table 4.12 revised, Table 4.13 added
28
Table 5.2 revised, Note 3 deleted
32, 33
Table 5.7, Table 5.8 revised
34
Table 5.9, Table 5.10 revised
R8C/35A Group Datasheet
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com