Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R32C152 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 122Page - Renesas Technology Corp R32C152 Datasheet HTML 123Page - Renesas Technology Corp R32C152 Datasheet HTML 124Page - Renesas Technology Corp R32C152 Datasheet HTML 125Page - Renesas Technology Corp R32C152 Datasheet HTML 126Page - Renesas Technology Corp R32C152 Datasheet HTML 127Page - Renesas Technology Corp R32C152 Datasheet HTML 128Page - Renesas Technology Corp R32C152 Datasheet HTML 129Page - Renesas Technology Corp R32C152 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 126 of 130
R32C/152 Group
5. Electrical Characteristics
VCC =3.3 V
Switching Characteristics (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.54
Serial Interface
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
td(C-Q)
TXDi output delay time
Refer to
Figure 5.6
80
ns
th(C-Q)
TXDi output hold time
0ns
Table 5.55
Serial Bus Interface
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
tw(SSCKH)
SSCKi output high level pulse
width
Refer to
Figure 5.6
0.35 × tc(SSCK)
0.6 × tc(SSCK)
ns
tw(SSCKL)
SSCKi output low level pulse
width
0.35 × tc(SSCK)
0.6 × tc(SSCK)
ns
tr(SSCK)
SSCKi output rising time
35
ns
tf(SSCK)
SSCKi output falling time
35
ns
td(SCS-SSCK) SSCKi output delay time for SCSi
0.5 × tc(SSCK) + 40 ns
td(SSCK-SCS) SCSi output delay time for SSCKi
0.5 × tc(SSCK) - 40
ns
ten(SCS-SSO) SSOi output enable time
1.5 × tc(BCLK) + 100 ns
tdis(SCS-SSO) SSOi output disable time
1.5 × tc(BCLK) + 100 ns
ten(SCS-SSI) SSIi output enable time
1.5 × tc(BCLK) + 100 ns
tdis(SCS-SSI) SSIi output disable time
1.5 × tc(BCLK) + 100 ns
td(SSCK-SSO) SSOi output delay time for SSCKi
50
ns
td(SSCK-SSI) SSIi output delay time for SSCKi
120
ns
trec(SCS)
SCSi output high level period in
continuous transmission
0.625 × tc(SSCK)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com