Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R32C152 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 14Page - Renesas Technology Corp R32C152 Datasheet HTML 15Page - Renesas Technology Corp R32C152 Datasheet HTML 16Page - Renesas Technology Corp R32C152 Datasheet HTML 17Page - Renesas Technology Corp R32C152 Datasheet HTML 18Page - Renesas Technology Corp R32C152 Datasheet HTML 19Page - Renesas Technology Corp R32C152 Datasheet HTML 20Page - Renesas Technology Corp R32C152 Datasheet HTML 21Page - Renesas Technology Corp R32C152 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 18 of 130
R32C/152 Group
2. Central Processing Unit (CPU)
2.2
Fast Interrupt Registers
The following three registers are provided to minimize the overhead of interrupt sequence.
2.2.1
Save Flag Register (SVF)
This 32-bit register is used to save the flag register when a fast interrupt is generated.
2.2.2
Save PC Register (SVP)
This 32-bit register is used to save the program counter when a fast interrupt is generated.
2.2.3
Vector Register (VCT)
This 32-bit register is used to indicate a jump address when a fast interrupt is generated.
2.3
DMAC-associated Registers
There are seven types of DMAC-associated registers.
2.3.1
DMA Mode Registers (DMD0, DMD1, DMD2, and DMD3)
These 32-bit registers are used to set DMA transfer mode, bit rate etc.
2.3.2
DMA Terminal Count Registers (DCT0, DCT1, DCT2, and DCT3)
These 24-bit registers are used to set DMA transfer counting.
2.3.3
DMA Terminal Count Reload Registers (DCR0, DCR1, DCR2, and DCR3)
These 24-bit registers are used to set the reloaded values for DMA terminal count registers.
2.3.4
DMA Source Address Registers (DSA0, DSA1, DSA2, and DSA3)
These 32-bit registers are used to set DMA source addresses.
2.3.5
DMA Source Address Reload Registers (DSR0, DSR1, DSR2, and DSR3)
These 32-bit registers are used to set the reloaded value for DMA source address register.
2.3.6
DMA Destination Address Registers (DDA0, DDA1, DDA2, and DDA3)
These 32-bit registers are used to set DMA destination address.
2.3.7
DMA Destination Address Reload Registers (DDR0, DDR1, DDR2, and
DDR3)
These 32-bit registers are used to set reloaded values for DMA destination address registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com