Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT34C02C
Description  Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 3 Page - ATMEL Corporation

  AT34C02C Datasheet HTML 1Page - ATMEL Corporation AT34C02C Datasheet HTML 2Page - ATMEL Corporation AT34C02C Datasheet HTML 3Page - ATMEL Corporation AT34C02C Datasheet HTML 4Page - ATMEL Corporation AT34C02C Datasheet HTML 5Page - ATMEL Corporation AT34C02C Datasheet HTML 6Page - ATMEL Corporation AT34C02C Datasheet HTML 7Page - ATMEL Corporation AT34C02C Datasheet HTML 8Page - ATMEL Corporation AT34C02C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
5242B–SEEPR–01/09
AT34C02C
tive coupling that may appear during customer applications, Atmel recommends always
connecting the address pins to a known state. When using a pull-up resistor, Atmel recommends
using 10k
Ω or less.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write
operations. When WP is connected directly to Vcc, all write operations to the memory are inhib-
ited. If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to
capacitive coupling that may appear during customer applications, Atmel recommends always
connecting the WP pins to a known state. When using a pull-up resistor, Atmel recommends
using 10k
Ω or less.
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. VIL min and VIH max are reference only and are not tested.
Table 2. AT34C02C Write Protection Modes
WP Pin Status
Permanent Write Protect
Register
Reversible Write Protect
Register
Part of the Array Write
Protected
V
CC
–
–
Full Array (2K)
GND or Floating
Not Programmed
Not Programmed
Normal Read/Write
GND or Floating
Programmed
–
First-Half of Array
(1K: 00H - 7FH)
GND or Floating
–
Programmed
First-Half of Array
(1K: 00H - 7FH)
Table 3. Pin Capacitance
(1)
Applicable over recommended operating range from T
A = 25⋅C, f = 400 kHz, VCC = +2.5V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, A2, SCL)
6
pF
V
IN = 0V
Table 4. DC Characteristics
Applicable over recommended operating range from: T
A = –40⋅C to +125⋅C, VCC = +2.5V to +5.5V, (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC
Supply Voltage
2.5
5.5
V
ICC
Supply Current VCC = 5.0V
READ at 100 kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
I
SB2
Standby Current V
CC = 2.5V
V
IN = VCC or VSS
1.6
4.0
µA
ISB3
Standby Current VCC = 5.0V
VIN = VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level(1)
–0.6
VCC x 0.3
V
V
IH
Input High Level(1)
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Level VCC = 2.5V
IOL = 3.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com