Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny45-15ST Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATtiny45-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45-15ST Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATtiny45-15ST Datasheet HTML 29Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 30Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 31Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 32Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 33Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 34Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 35Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 36Page - ATMEL Corporation ATtiny45-15ST Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 196 page
background image
33
7598H–AVR–07/09
ATtiny25/45/85
Note that if a level triggered interrupt is used for wake-up from Power-down mode, the changed
level must be held for some time to wake up the MCU. Refer to “External Interrupts” on page 58
for details..
Note:
1. For INT0, only level interrupt.
7.5
Limitations
BOD disable functionality has been implemented in the following devices, only:
• ATtiny25, revision D, and newer
• ATtiny45, revision D, and newer
• ATtiny85, revision C, and newer
7.6
Power Reduction Register
The Power Reduction Register, PRR, provides a method to stop the clock to individualperipher-
als to reduce power consumption. The current state of the peripheral is frozenand the I/O
registers can not be read or written. Resources used by the peripheral when stopping the clock
will remain occupied, hence the peripheral should in most cases be disabled before stopping the
clock. Waking up a module, which is done by clearing the bit in PRR, puts the module in the
same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the overall
power consumption. In all other sleep modes, the clock is already stopped.
• Bits 7, 6, 5, 4- Res: Reserved Bits
These bits are reserved bits in the ATtiny25/45/85 and will always read as zero.
• Bit 3- PRTIM1: Power Reduction Timer/Counter1
Writing a logic one to this bit shuts down the Timer/Counter1 module. When the Timer/Counter1
is enabled, operation will continue like before the shutdown.
Table 7-2.
Active Clock Domains and Wake-up Sources in the Different Sleep Modes
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
X
X
X
X
X
X
X
X
X
X
ADC Noise
Reduction
XX
X(1)
XX
X
X
Power-down
X(1)
XX
Bit
7654
3
2
10
–
-
-
-
PRTIM1
PRTIM0
PRUSI
PRADC
PRR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0000
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com