Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega88 Datasheet(PDF) 278 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 274Page - ATMEL Corporation ATmega88 Datasheet HTML 275Page - ATMEL Corporation ATmega88 Datasheet HTML 276Page - ATMEL Corporation ATmega88 Datasheet HTML 277Page - ATMEL Corporation ATmega88 Datasheet HTML 278Page - ATMEL Corporation ATmega88 Datasheet HTML 279Page - ATMEL Corporation ATmega88 Datasheet HTML 280Page - ATMEL Corporation ATmega88 Datasheet HTML 281Page - ATMEL Corporation ATmega88 Datasheet HTML 282Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 340 page
background image
278
7530H–AVR–02/09
ATmega48/88/168 Automotive
Note:
1. Z15:Z14: always ignored
Z0: should be zero for all SPM commands, byte select for the LPM instruction.
See “Addressing the Flash During Self-Programming” on page 269 for details about the use of
Z-pointer during Self-Programming.
25. Memory Programming
25.1
Program And Data Memory Lock Bits
The ATmega88/168 provides six Lock bits which can be left unprogrammed (“1”) or can be pro-
grammed (“0”) to obtain the additional features listed in Table 25-2. The Lock bits can only be
erased to “1” with the Chip Erase command.The ATmega48 has no separate Boot Loader sec-
tion. The SPM instruction is enabled for the whole Flash if the SELFPRGEN fuse is programmed
(“0”), otherwise it is disabled.
Notes:
1. “1” means unprogrammed, “0” means programmed
2. Only on ATmega88/168.
PAGEMSB
5
Most significant bit which is used to address
the words within one page (64 words in a page
requires 6 bits PC [5:0])
ZPCMSB
Z13
Bit in Z-register that is mapped to PCMSB. Because
Z0 is not used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-register that is mapped to PAGEMSB.
Because Z0 is not used, the ZPAGEMSB equals
PAGEMSB + 1.
PCPAGE
PC[12:6]
Z13:Z7
Program counter page address: Page select, for
page erase and page write
PCWORD
PC[5:0]
Z6:Z1
Program counter word address: Word select, for
filling temporary buffer (must be zero during page
write operation)
Table 24-11. Explanation of Different Variables used in Figure 24-3 and the Mapping to the
Z-pointer, ATmega168
Variable
Corresponding
Z-value(1)
Description
Table 25-1.
Lock Bit Byte
(1)
Lock Bit Byte
Bit No
Description
Default Value
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
BLB12()
5
Boot Lock bit
1 (unprogrammed)
BLB11()
4
Boot Lock bit
1 (unprogrammed)
BLB02()
3
Boot Lock bit
1 (unprogrammed)
BLB01()
2
Boot Lock bit
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com