Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega88 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 276Page - ATMEL Corporation ATmega88 Datasheet HTML 277Page - ATMEL Corporation ATmega88 Datasheet HTML 278Page - ATMEL Corporation ATmega88 Datasheet HTML 279Page - ATMEL Corporation ATmega88 Datasheet HTML 280Page - ATMEL Corporation ATmega88 Datasheet HTML 281Page - ATMEL Corporation ATmega88 Datasheet HTML 282Page - ATMEL Corporation ATmega88 Datasheet HTML 283Page - ATMEL Corporation ATmega88 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 340 page
background image
280
7530H–AVR–02/09
ATmega48/88/168 Automotive
25.2
Fuse Bits
The ATmega48/88/168 has three Fuse bytes. Table 25-4 - Table 25-7 describe briefly the func-
tionality of all the fuses and how they are mapped into the Fuse bytes. Note that the fuses are
read as logical zero, “0”, if they are programmed.
Note:
1. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 25-8 on page 283
for details.
Table 25-4.
Extended Fuse Byte for mega48
Extended Fuse Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
–3
–
1
–2
–
1
–1
–
1
SELFPRGEN
0
Self Programming Enable
1 (unprogrammed)
Table 25-5.
Extended Fuse Byte for mega88/168
Extended Fuse Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
–3
–
1
BOOTSZ1
2
Select Boot Size
(see Table 113 for details)
0 (programmed)(1)
BOOTSZ0
1
Select Boot Size
(see Table 113 for details)
0 (programmed)(1)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com