Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny85-15MZ Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATtiny85-15MZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15MZ Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATtiny85-15MZ Datasheet HTML 86Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 87Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 88Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 89Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 90Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 91Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 92Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 93Page - ATMEL Corporation ATtiny85-15MZ Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 196 page
background image
90
7598H–AVR–07/09
ATtiny25/45/85
14.1.11
Timer/Counter1 in PWM Mode
When the PWM mode is selected, Timer/Counter1 and the Output Compare Register C -
OCR1C form a dual 8-bit, free-running and glitch-free PWM generator with outputs on the
PB1(OC1A) and PB3(OC1B) pins and inverted outputs on pins PB0(OC1A) and PB2(OC1B). As
default non-overlapping times for complementary output pairs are zero, but they can be inserted
using a Dead Time Generator (see description on page 100).
Figure 14-4. The PWM Output Pair
When the counter value match the contents of OCR1A or OCR1B, the OC1A and OC1B outputs
are set or cleared according to the COM1A1/COM1A0 or COM1B1/COM1B0 bits in the
Timer/Counter1 Control Register A - TCCR1, as shown in Table 14-4.
Timer/Counter1 acts as an up-counter, counting from $00 up to the value specified in the output
compare register OCR1C, and starting from $00 up again. A compare match with OC1C will set
an overflow interrupt flag (TOV1) after a synchronization delay following the compare event.
Note that in PWM mode, writing to the Output Compare Registers OCR1A or OCR1B, the data
value is first transferred to a temporary location. The value is latched into OCR1A or OCR1B
when the Timer/Counter reaches OCR1C. This prevents the occurrence of odd-length PWM
pulses (glitches) in the event of an unsynchronized OCR1A or OCR1B. See Figure 14-5 for an
example.
Table 14-4.
Compare Mode Select in PWM Mode
COM11
COM10
Effect on Output Compare Pins
00
OC1x not connected.
OC1x not connected.
01
OC1x cleared on compare match. Set whenTCNT1 = $01.
OC1x set on compare match. Cleared when TCNT1 = $00.
10
OC1x cleared on compare match. Set when TCNT1 = $01.
OC1x not connected.
11
OC1x Set on compare match. Cleared when TCNT1= $01.
OC1x not connected.
PWM1x
PWM1x
x = A or B
t non-overlap=0
t non-overlap=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com