Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny87-15XZ Datasheet(PDF) 109 Page - ATMEL Corporation

Part # ATtiny87-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15XZ Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button ATtiny87-15XZ Datasheet HTML 105Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 106Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 107Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 108Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 109Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 110Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 111Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 112Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 282 page
background image
109
7728D–AVR–07/09
ATtiny87/ATtiny167
11.2
Timer/Counter1 Prescalers Register Description
11.2.1
General Timer/Counter Control Register – GTCCR
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing the TSM bit to one activates the Timer/Counter Synchronization mode. In this mode,
the value that is written to the PSR0 and PSR1 bits is kept, hence keeping the corresponding
prescaler reset signals asserted. This ensures that the corresponding Timer/Counters are
halted and can be configured to the same value without the risk of one of them advancing dur-
ing configuration. When the TSM bit is written to zero, the PSR0 and PSR1 bits are cleared by
hardware, and the Timer/Counters start counting simultaneously.
• Bit 0 – PSR1: Prescaler Reset Timer/Counter1
When this bit is one, Timer/Counter1 prescaler will be reset. This bit is normally cleared imme-
diately by hardware, except if the TSM bit is set.
Bit
7
6
5
4
3
2
1
0
TSM
–
–
–
–
–
PSR0
PSR1
GTCCR
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com