Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny87-15XZ Datasheet(PDF) 113 Page - ATMEL Corporation

Part # ATtiny87-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15XZ Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button ATtiny87-15XZ Datasheet HTML 109Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 110Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 111Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 112Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 113Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 114Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 115Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 116Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 282 page
background image
113
7728D–AVR–07/09
ATtiny87/ATtiny167
12.3.1
Code Examples
The following code examples show how to access the 16-bit timer registers assuming that no
interrupts updates the temporary register. The same principle can be used directly for access-
ing the OCR1A/B and ICR1 Registers. Note that when using “C”, the compiler handles the
16-bit access.
Note:
1. The example code assumes that the part specific header file is included.
The assembly code example returns the TCNT1 value in the r17:r16 register pair.
It is important to notice that accessing 16-bit registers are atomic operations. If an interrupt
occurs between the two instructions accessing the 16-bit register, and the interrupt code
updates the temporary register by accessing the same or any other of the 16-bit timer regis-
ters, then the result of the access outside the interrupt will be corrupted. Therefore, when both
the main code and the interrupt code update the temporary register, the main code must dis-
able the interrupts during the 16-bit access.
Assembly Code Examples(1)
...
; Set TCNT1 to 0x01FF
ldi
r17,0x01
ldi
r16,0xFF
sts
TCNT1H,r17
sts
TCNT1L,r16
; Read TCNT1 into r17:r16
lds
r16,TCNT1L
lds
r17,TCNT1H
...
C Code Examples(1)
unsigned int
i;
...
/* Set TCNT1 to 0x01FF */
TCNT1 = 0x1FF;
/* Read TCNT1 into i */
i = TCNT1;
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com