Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega32U4 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATmega32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32U4 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATmega32U4 Datasheet HTML 32Page - ATMEL Corporation ATmega32U4 Datasheet HTML 33Page - ATMEL Corporation ATmega32U4 Datasheet HTML 34Page - ATMEL Corporation ATmega32U4 Datasheet HTML 35Page - ATMEL Corporation ATmega32U4 Datasheet HTML 36Page - ATMEL Corporation ATmega32U4 Datasheet HTML 37Page - ATMEL Corporation ATmega32U4 Datasheet HTML 38Page - ATMEL Corporation ATmega32U4 Datasheet HTML 39Page - ATMEL Corporation ATmega32U4 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 408 page
background image
36
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• Bit 7-6 – RCSUT[1:0]: SUT for RC oscillator
These 2 bits are the SUT value for the RC Oscillator. If the RC oscillator is selected by fuse bits,
the SUT fuse are copied into these bits. A firmware change will not have any effect because this
additional start-up time is only used after a reset and not after a clock switch.
• Bit 5-4 – EXSUT[1:0]: SUT for External Clock/ Low Power Crystal Oscillator
These 2 bits are the SUT value for the External Clock / Low Power Crystal Oscillator. If the
External Clock / Low Power Crystal Oscillator is selected by fuse bits, the SUT fuses are copied
into these bits. The firmware can modify these bits by writing a new value. This value will be
used at the next start of the External Clock / Low Power Crystal Oscillator.
• Bit 3 – RCE: Enable RC Oscillator
The RCE bit must be written to logic one to enable the RC Oscillator. The RCE bit must be writ-
ten to logic zero to disable the RC Oscillator.
• Bit 2 – EXTE: Enable External Clock / Low Power Crystal Oscillator
The OSCE bit must be written to logic one to enable External Clock / Low Power Crystal Oscilla-
tor. The OSCE bit must be written to logic zero to disable the External Clock / Low Power Crystal
Oscillator.
• Bit 0 – CLKS: Clock Selector
The CLKS bit must be written to logic one to select the External Clock / Low Power Crystal Oscil-
lator as CPU clock. The CLKS bit must be written to logic zero to select the RC Oscillator as
CPU clock. After a reset, the CLKS bit is set by hardware if the External Clock / Low Power Crys-
tal Oscillator is selected by the fuse bits configuration.
The firmware has to check if the clock is correctly started before selected it.
Clock Selection
Register 1 – CLKSEL1
• Bit 7-4 – RCCKSEL[3:0]: CKSEL for RC oscillator
Clock configuration for the RC Oscillator. After a reset, this part of the register is loaded with the
0010b value that corresponds to the RC oscillator. Modifying this value by firmware before
switching to RC oscillator is prohibited because the RC clock will not start.
• Bit 3-0 – EXCKSEL[3:0]: CKSEL for External Clock / Low Power Crystal Oscillator
Clock configuration for the External Clock / Low Power Crystal Oscillator. After a reset, if the
External Clock / Low Power Crystal Oscillator is selected by fuse bits, this part of the register is
loaded with the fuse configuration. Firmware can modify it to change the start-up time after the
clock switch.
See “Device Clocking Options Select(1)” on page 28 for EXCKSEL[3:0] configuration. Only Low
Power Crystal Oscillator, Calibrated Internal RC Oscillator, and External Clock modes are
allowed.
Clock Status Register
– CLKSTA
• Bit 7-2 - Reserved bits
Bit
7
65
43
2
1
0
RCCKS
EL3
RCCKS
EL2
RCCKS
EL1
RCCKS
EL0
EXCKS
EL3
EXCKS
EL2
EXCKS
EL1
EXCKS
EL0
CLKSEL1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
1
0
0
0
0
0
Bit
7
65
43
2
1
0
-
-
-
-
-
-
RCON
EXTON
CLKSTA
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com