Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny261-ESXZ Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 92Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 93Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 94Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 95Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 96Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 97Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 98Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 99Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 227 page
background image
96
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.3
Counter Unit
The main part of the Timer/Counter1 is the programmable bi-directional counter unit. Figure 16-3
shows a block diagram of the counter and its surroundings.
Figure 16-3. Counter Unit Block Diagram
Signal description (internal signals):
count
TCNT1 increment or decrement enable.
direction
Select between increment and decrement.
clear
Clear TCNT1 (set all bits to zero).
clk
Tn
Timer/Counter clock, referred to as clk
T1 in the following.
top
Signalize that TCNT1 has reached maximum value.
bottom
Signalize that TCNT1 has reached minimum value (zero).
Depending of the mode of operation used, the counter is cleared, incremented, or decremented
at each timer clock (clk
T1). The timer clock is generated from an synchronous system clock or an
asynchronous PLL clock using the Clock Select bits (CS13:0) and the PCK Enable bit (PCKE).
When no clock source is selected (CS13:0 = 0) the timer is stopped. However, the TCNT1 value
can be accessed by the CPU, regardless of whether clk
T1 is present or not. A CPU write over-
rides (has priority over) all counter clear or count operations.
The counting sequence of the Timer/Counter1 is determined by the setting of the WGM10 and
PWM1x bits located in the Timer/Counter1 Control Registers (TCCR1A, TCCR1C and
TCCR1D). For more details about advanced counting sequences and waveform generation, see
“Modes of Operation” on page 102. The Timer/Counter Overflow Flag (TOV1) is set according to
the mode of operation selected by the PWM1x and WGM10 bits. The Overflow Flag can be used
for generating a CPU interrupt.
16.3.1
Counter Initialization for Asynchronous Mode
To change Timer/Counter1 to the asynchronous mode follow the procedure below:
1. Enable PLL.
2. Wait 100 µs for PLL to stabilize.
3. Poll the PLOCK bit until it is set.
4. Set the PCKE bit in the PLLCSR register which enables the asynchronous mode.
DATA BUS
TCNT1
Control Logic
count
TOV1
top
Timer/Counter1 Count Enable
( From Prescaler )
bottom
direction
clear
PCK
CK
PCKE
clk
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com