Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny167-15MD Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATtiny167-15MD
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MD Datasheet(HTML) 4 Page - ATMEL Corporation

  ATtiny167-15MD Datasheet HTML 1Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 2Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 3Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 4Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 5Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 6Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 7Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 8Page - ATMEL Corporation ATtiny167-15MD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
1.4
Memory Endurance
EEPROM endurance: 50,000 Write/Erase cycles.
Flash endurance: 10,000 Write/Erase cycles.
1.3
ADC Characteristics
T
A = –40°C to +150°C, VCC = 4.5V to 5.5V (unless otherwise noted)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Resolution
Single ended
10
Bit
Absolute accuracy
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
TUE
2.0
3.5
LSB
Integral non linearity
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
INL
0.6
2.0
LSB
Differential non linearity
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz,
Temp = –40°C to +150°C
DNL
0.4
1.5
LSB
Gain error
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz,
Temp = –40°C to +150°C
–6.0
–2.5
+2.0
LSB
Offset error
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz,
Temp = –40°C to +150°C
–3.5
+1.5
+3.5
LSB
Ref voltage
V
REF
2.56
AVCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com