Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 290 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 286Page - ATMEL Corporation ATmega328P Datasheet HTML 287Page - ATMEL Corporation ATmega328P Datasheet HTML 288Page - ATMEL Corporation ATmega328P Datasheet HTML 289Page - ATMEL Corporation ATmega328P Datasheet HTML 290Page - ATMEL Corporation ATmega328P Datasheet HTML 291Page - ATMEL Corporation ATmega328P Datasheet HTML 292Page - ATMEL Corporation ATmega328P Datasheet HTML 293Page - ATMEL Corporation ATmega328P Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 345 page
background image
290
7810A–AVR–11/09
ATmega328P [Preliminary]
27.5
Page Size
27.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega328P. Pulses are assumed to be
at least 250 ns unless otherwise noted.
27.6.1
Signal Names
In this section, some pins of the ATmega328P are referenced by signal names describing their
functionality during parallel programming, see Figure 27-1 and Table 27-11. Pins not described
in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse.
The bit coding is shown in Table 27-13.
When pulsing WR or OE, the command loaded determines the action executed. The different
Commands are shown in Table 27-14.
Figure 27-1. Parallel Programming
Note:
V
CC - 0.3V < AVCC < VCC + 0.3V, however, AVCC should always be within 4.5 - 5.5V
Table 27-9.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of
Pages
PCPAGE
PCMSB
ATmega328P
16K words
(32K bytes)
64 words
PC[5:0]
256
PC[13:6]
13
Table 27-10. No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page
Size
PCWORD
No. of
Pages
PCPAGE
EEAMSB
ATmega328P
1K bytes
4 bytes
EEA[1:0]
256
EEA[9:2]
9
VCC
GND
XTAL1
PD1
PD2
PD3
PD4
PD5
PD6
PC[1:0]:PB[5:0]
DATA
RESET
PD7
+12 V
BS1
XA0
XA1
OE
RDY/BSY
PAGEL
PC2
WR
BS2
AVCC
+4.5 - 5.5V
+4.5 - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com