Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 292 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 288Page - ATMEL Corporation ATmega328P Datasheet HTML 289Page - ATMEL Corporation ATmega328P Datasheet HTML 290Page - ATMEL Corporation ATmega328P Datasheet HTML 291Page - ATMEL Corporation ATmega328P Datasheet HTML 292Page - ATMEL Corporation ATmega328P Datasheet HTML 293Page - ATMEL Corporation ATmega328P Datasheet HTML 294Page - ATMEL Corporation ATmega328P Datasheet HTML 295Page - ATMEL Corporation ATmega328P Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 345 page
background image
292
7810A–AVR–11/09
ATmega328P [Preliminary]
27.7
Parallel Programming
27.7.1
Enter Programming Mode
The following algorithm puts the device in Parallel (High-voltage) Programming mode:
1.
Set Prog_enable pins listed in Table 27-12 on page 291 to “0000”, RESET pin to 0V and
V
CC to 0V.
2.
Apply 4.5 - 5.5V between V
CC and GND.
Ensure that V
CC reaches at least àpçV within the next 20 µs.
3.
Wait 20 - 60 µs, and apply 11.5 - 12.5V to RESET.
4.
Keep the Prog_enable pins unchanged for at least 10µs after the High-voltage has been
applied to ensure the Prog_enable Signature has been latched.
5.
Wait at least 300 µs before giving any parallel programming commands.
6.
Exit Programming mode by power the device down or by bringing RESET pin to 0V.
If the rise time of the V
CC is unable to fulfill the requirements listed above, the following alterna-
tive algorithm can be used.
1.
Set Prog_enable pins listed in Table 27-12 on page 291 to “0000”, RESET pin to 0V and
V
CC to 0V.
2.
Apply 4.5 - 5.5V between V
CC and GND.
3.
Monitor V
CC, and as soon as VCC reaches 0.9 - 1.1V, apply 11.5 - 12.5V to RESET.
4.
Keep the Prog_enable pins unchanged for at least 10µs after the High-voltage has been
applied to ensure the Prog_enable Signature has been latched.
5.
Wait until V
CC actually reaches 4.5 -5.5V before giving any parallel programming
commands.
6.
Exit Programming mode by power the device down or by bringing RESET pin to 0V.
Table 27-14. Command Byte Bit Coding
Command Byte
Command Executed
1000 0000
Chip Erase
0100 0000
Write Fuse bits
0010 0000
Write Lock bits
0001 0000
Write Flash
0001 0001
Write EEPROM
0000 1000
Read Signature Bytes and Calibration byte
0000 0100
Read Fuse and Lock bits
0000 0010
Read Flash
0000 0011
Read EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com