Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CANFP Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F2136CANFP
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CANFP Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F2136CANFP Datasheet HTML 46Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 47Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 48Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 50Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 51Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 52Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 53Page - Renesas Technology Corp R5F2136CANFP Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
R8C/36A Group
5. Electrical Characteristics
REJ03B0265-0110 Rev.1.10 Sep 28, 2009
Page 50 of 55
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Note:
1. 1.8 V
≤ VCC < 2.7 V, Topr = −20 to 85°C (N version), and f(XIN) = 5 MHz, unless otherwise specified.
Table 5.31
Electrical Characteristics (5) [1.8 V
≤ VCC < 2.7 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Drive capacity High IOH =
−2 mA VCC − 0.5
—
VCC
V
Drive capacity Low
IOH =
−1 mA VCC − 0.5
—
VCC
V
VOL
Output “L” voltage
Drive capacity High IOL = 2 mA
—
—
0.5
V
Drive capacity Low
IOL = 1 mA
—
—
0.5
V
VT+-VT-
Hysteresis
NT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
0.05
0.20
—
V
RESET
0.05
0.20
—
V
IIH
Input “H” current
VI = 2.2 V, VCC = 2.2 V
—
—
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 2.2 V
—
—
−4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 2.2 V
70
140
300
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com