Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

980VG0C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 980VG0C
Description  FLUX LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980VG0C Datasheet(HTML) 3 Page - HB Electronic Components

  980VG0C Datasheet HTML 1Page - HB Electronic Components 980VG0C Datasheet HTML 2Page - HB Electronic Components 980VG0C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:980VG0C
Page: 3 of 3
FLUX LED SPECIFICATION
Typical electrical/optical characteristic curves:
Ambient Temperature TA ( )
℃
LUMINOUS FLUX VS.
AMBIENT TEMPERATURE
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
LUMINOUS FLUX VS.
FORWARD CURRENT
FORWARD CURRENT VS.
FORWARD VOLTAGE
FORWARD CURRNT VS.
AMBIENT TEMPERATURE
Ambient Temperature TA ( )
℃
3.0
80
40
0
020
20
40
60
80
60
100
40
IF-Forward Current (mA)
Forward Voltage(V)
020
100
5.0
4.2
0
4.6
20
40
60
0
0.5
1.0
1.5
60
80
100
80
100
2.0
2.5
3.8
3.4
400
0
450
500
600
550
650
50
25
75
100
700
Wavelength λ(nm)
Fig.5 相对亮度 Vs. 波长



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com