Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62364FPDF1J Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62364FPDF1J
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364FPDF1J Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62364FPDF1J Datasheet HTML 1Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 2Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 3Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 4Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 5Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 6Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 7Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 8Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 1 of 8
M62364FP/GP
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
REJ03D0875-0400
Rev.4.00
Oct 02, 2009
Description
The M62364 is a CMOS 8-bit 8ch D/A converter having a multiplying function and output buffer amplifiers. It has a
serial data input and can easily communicate with a microcontroller by the simple three-wiring method (DI, CLK, LD).
The output buffer amplifiers operating in AB-class has both sinking and driving capabilities of 1.0 mA or more and can
operate in a whole supply range from VDD to GND.
The IC is suitable for a use in automatic adjustment applications in conjunction with a MCU by utilizing the terminal
DO for a cascading connection.
Features
• Three-wiring serial data transmission
• Doubled precision 8ch D/A converter employing an R-2R with higher-order segment method
• 8 buffer amplifiers operating in a whole supply voltage range from V
DD to GND
• 4 quadrant multiplication
Application
Digital to analog conversion for consumer and industrial equipment.
Gain setting and automatic adjustment of display-monitor and CTV.
Block Diagram
RESET
VIN8
VIN1
D0
DI
VDD
D1
D2
D3
D4
D5
D6
D9 D10
D7
D8
D11
8
5
Do
17
CLK 7
19
1
VOUT1
.............
.............
.............
.............
2
24
LD
6
VOUT8
VDAref
23
GND
20
18
12-bit shift register
Address decoder
8-bit latch
D/A converter
8-bit latch
D/A converter


Similar Part No. - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62364FP MITSUBISHI-M62364FP Datasheet
41Kb / 6P
8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results

Similar Description - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62381FP MITSUBISHI-M62381FP Datasheet
48Kb / 5P
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP_15 Datasheet
182Kb / 8P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com