Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62364GPDF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62364GPDF
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364GPDF Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62364GPDF Datasheet HTML 1Page - Renesas Technology Corp M62364GPDF Datasheet HTML 2Page - Renesas Technology Corp M62364GPDF Datasheet HTML 3Page - Renesas Technology Corp M62364GPDF Datasheet HTML 4Page - Renesas Technology Corp M62364GPDF Datasheet HTML 5Page - Renesas Technology Corp M62364GPDF Datasheet HTML 6Page - Renesas Technology Corp M62364GPDF Datasheet HTML 7Page - Renesas Technology Corp M62364GPDF Datasheet HTML 8Page - Renesas Technology Corp M62364GPDF Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M62364FP/GP
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Digital input voltage
VIND
–0.3 to +7.0
V
Analog input voltage
VIN
–0.3 to VDD + 0.3
V
Analog output voltage
VOUT
–0.3 to VDD + 0.3
V
D/A reference voltage
VDAref
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
<Ana/Dig Common Part>
(VDD = 5 V ± 10%, VDD ≥ VIN, GND, VDAref = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VDD
2.7
5.0
5.5
V
Supply current
IDD
—
—
3.5
mA
CLK = 1 MHz, VCC = 3 V, IAO = 0 μA
<Digital Part>
(VDD = 5 V ± 10%, VDD ≥ VIN, GND, VDAref = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input leak current
IILK
–10
—
10
μA
VIN = 0 to VDD
Digital input "Low" voltage
VIL
—
—
0.2 VDD
V
Digital input "High" voltage
VIH
0.8 VDD
—
—
V
DO terminal output "Low" voltage
VOL
—
—
0.4
V
IOL = 2.5 mA
DO terminal output "High" voltage
VOH
VDD – 0.4
—
—
V
IOH = –400 μA
<Analog Part>
(VDD = 5 V ± 10%, VDD ≥ VIN, GND, VDAref = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Input current
IIN
—
—
0.30
mA
VIN = 5 V, VDAref = 0 V
Proportional to Max. input
current condition (VIN – VDAref)
and digital data of each channels
D/A reference input
current
IDAref
–2.40
—
—
mA
VIN = 5 V, VDAref = 0 V
Proportional to Max. input
current condition (VIN – VDAref)
and digital data of each channels
Resolution
RES
—
8
—
bit
Differential nonlinearity
DNL
–1
—
1
LSB
Nonlinearity
NL
–1
—
1
LSB
VDAref = 0.050 V (10 mV/LSB)
Without load (IAO = ±0)
0.1
—
VCC – 0.1
IAO = ±100 μA
Buffer amplifier output
voltage range
VAO
0.2
—
VCC – 0.2
V
IAO = ±500 μA
Buffer amplifier output
current range
IAO
–1
—
1
mA
Upper saturation voltage = 0.4 V
Lower saturation voltage = 0.4 V
Output capacitive load
CO
—
—
0.1
μF
Buffer amplifier output
impedance
RO
—
5
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com