Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166HT Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT68166HT Datasheet HTML 2Page - ATMEL Corporation AT68166HT Datasheet HTML 3Page - ATMEL Corporation AT68166HT Datasheet HTML 4Page - ATMEL Corporation AT68166HT Datasheet HTML 5Page - ATMEL Corporation AT68166HT Datasheet HTML 6Page - ATMEL Corporation AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation AT68166HT Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
7843A–AERO–10/09
AT68166HT
Electrical Characteristics
Absolute Maximum Ratings*
Military Operating Range
Recommended DC Operating Conditions
Note:
1. 5.8V in transient conditions.
Capacitance
Note:
1. Guaranteed but not tested.
Supply Voltage to GND Potential: ...................... -0.5V to 4.6V
Voltage range on any input: ......................... GND -0.5V to 7V
Voltage range on any ouput: ........................ GND -0.5V to 7V
Storage Temperature: .................................... -65
⋅C to +150⋅C
Output Current from Outputs Pins: .............................. 20 mA
Electrostatic Discharge Voltage: ............................... > 2000V
(MIL STD 883D Method 3015)
*NOTE:
Stresses beyond those listed under "Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure between recommended DC
operating and absolute maximum rating
conditions for extended periods may
affect device reliability.
Operating Voltage
Operating Temperature
3.3
+ 0.3V
-55
⋅C to + 125⋅C
Parameter
Description
Min
Typ
Max
Unit
Vcc
Supply voltage
3.0
3.3
3.6
V
GND
Ground
0.0
0.0
0.0
V
VIL
Input low voltage
GND - 0.3
0.0
0.8
V
VIH
Input high voltage
2.2
5.5V(1)
V
Parameter
Description
Min
Typ
Max
Unit
Cin(1) (OE and Ax)
Input capacitance
48
pF
Cin
(1) (CSx and WEx)
Input capacitance
12
pF
Cio
(1)
I/O capacitance
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com