Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 234 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 234 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 230Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 231Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 232Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 233Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 234Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 235Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 236Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 237Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 238Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 393 page
background image
234
8018N–AVR–08/09
ATmega169P
Figure 23-1. LCD Module Block Diagram
23.2.2
LCD Clock Sources
The LCD Controller can be clocked by an internal synchronous or an external asynchronous
clock source. The clock source clk
LCD is by default equal to the system clock, clkI/O. When the
LCDCS bit in the LCDCRB Register is written to logic one, the clock source is taken from the
TOSC1 pin.
The clock source must be stable to obtain accurate LCD timing and hence minimize DC voltage
offset across LCD segments.
23.2.3
LCD Prescaler
The prescaler consist of a 12-bit ripple counter and a 1- to 8-clock divider. The LCDPS2:0 bits
selects clk
LCD divided by 16, 64, 128, 256, 512, 1024, 2048, or 4096.
If a finer resolution rate is required, the LCDCD2:0 bits can be used to divide the clock further by
1 to 8.
Output from the clock divider clk
LCD_PS is used as clock source for the LCD timing.
23.2.4
LCD Memory
The display memory is available through I/O Registers grouped for each common terminal.
When a bit in the display memory is written to one, the corresponding segment is energized (on),
and non-energized when a bit in the display memory is written to zero.
Clock
Multiplexer
12-bit Prescaler
0
1
Divide by 1 to 8
LCD
Timing
LCDCRB
LCDFRR
clk
i/o
TOSC
LCDCRA
D
A
T
A
B
U
S
Analog
Switch
Array
lcdcs
lcdcd2:0
lcdps2:0
clk
LCD
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
COM0
COM1
COM2
COM3
LCD Buffer/
Driver
V
LCD
LCDDR 18 -15
LCDDR 13 -10
LCDDR 8 - 5
LCDDR 3 - 0
LATCH
array
LCD Ouput
Decoder
LCDCCR
lcdcc3:0
Contrast Controller/
Power Supply
clk
LCD_PS
LCD
CAP
25 x
4:1
MUX
LCD_voltage_ok
2/3 V
LCD
1/2 V
LCD
1/3 V
LCD
Display
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com