Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 238 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 238 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 234Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 235Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 236Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 237Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 238Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 239Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 240Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 241Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 242Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 393 page
background image
238
8018N–AVR–08/09
ATmega169P
23.3.3
1/3 Duty and 1/3 Bias
1/3 bias is usually recommended for LCD with three common terminals (1/3 duty). Waveform is
shown in Figure 23-5. SEG0 - COM0 is the voltage across a segment that is on and SEG0-
COM1 is the voltage across a segment that is off.
Figure 23-5. Driving a LCD with Three Common Terminals
23.3.4
1/4 Duty and 1/3 Bias
1/3 bias is optimal for LCD displays with four common terminals (1/4 duty). Waveform is shown
in Figure 23-6. SEG0 - COM0 is the voltage across a segment that is on and SEG0 - COM1 is
the voltage across a segment that is off.
Figure 23-6. Driving a LCD with Four Common Terminals
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
-1/3VLCD
-2/3VLCD
-VLCD
SEG0
COM0
SEG0 - COM0
Frame
Frame
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
-1/3VLCD
-2/3VLCD
-VLCD
SEG0
COM1
SEG0 - COM1
Frame
Frame
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
-1/3VLCD
-2/3VLCD
-VLCD
SEG0
COM0
SEG0 - COM0
Frame
Frame
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
VLCD
2/
3VLCD
1/
3VLCD
GND
-1/3VLCD
-2/3VLCD
-VLCD
SEG0
COM1
SEG0 - COM1
Frame
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com