Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 241 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 241 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 237Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 238Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 239Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 240Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 241Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 242Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 243Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 244Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 245Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 393 page
background image
241
8018N–AVR–08/09
ATmega169P
23.4
LCD Usage
The following section describes how to use the LCD.
23.4.1
LCD Initialization
Prior to enabling the LCD some initialization must be preformed. The initialization process nor-
mally consists of setting the frame rate, duty, bias and port mask. LCD contrast is set initially, but
can also be adjusted during operation.
Consider the following LCD as an example:
Figure 23-8. LCD usage example.
Display:
TN Positive, Reflective
Number of common terminals:
3
Number of segment terminals:
21
Bias system:
1/3 Bias
Drive system:
1/3 Duty
Operating voltage:
3.0 ± 0.3 V
1b
1c
2a
2b
2c
2e
2f
2d
2g
COM3
COM0
COM1
COM2
SEG0
SEG1
SEG2
1b,1c
2c
2f
2a
2d
2g
2b
2e
..
SEG0
SEG1
SEG2
ATmega169
Connection table
LCD
51
50
49
48
47
46
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com