Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 244 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 240Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 241Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 242Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 243Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 244Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 245Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 246Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 247Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 393 page
background image
244
8018N–AVR–08/09
ATmega169P
Note:
1. See ”About Code Examples” on page 10.
Assembly Code Example
(1)
LCD_disable:
; Wait until a new frame is started.
Wait_1:
lds
r16, LCDCRA
sbrs r16, LCDIF
rjmp Wait_1
; Set LCD Blanking and clear interrupt flag
; by writing a logical one to the flag.
ldi
r16, (1<<LCDEN)|(1<<LCDIF)|(1<<LCDBL)
sts
LCDCRA, r16
; Wait until LCD Blanking is effective.
Wait_2:
lds
r16, LCDCRA
sbrs r16, LCDIF
rjmp Wait_2
; Disable LCD.
ldi
r16, (0<<LCDEN)
sts
LCDCRA, r16
ret
C Code Example(1)
Void LCD_disable(void);
{
/* Wait until a new frame is started. */
while ( !(LCDCRA & (1<<LCDIF)) )
;
/* Set LCD Blanking and clear interrupt flag */
/* by writing a logical one to the flag. */
LCDCRA = (1<<LCDEN)|(1<<LCDIF)|(1<<LCDBL);
/* Wait until LCD Blanking is effective. */
while ( !(LCDCRA & (1<<LCDIF)) )
;
/* Disable LCD */
LCDCRA = (0<<LCDEN);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com