Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 247 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 247 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 243Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 244Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 245Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 246Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 247Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 248Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 249Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 250Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 251Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 393 page
background image
247
8018N–AVR–08/09
ATmega169P
23.5.3
LCDFRR – LCD Frame Rate Register
• Bit 7 – Res: Reserved Bit
This bit is reserved and will always read as zero.
• Bits 6:4 – LCDPS2:0: LCD Prescaler Select
The LCDPS2:0 bits selects tap point from a prescaler. The prescaled output can be further
divided by setting the clock divide bits (LCDCD2:0). The different selections are shown in Table
23-4 on page 247. Together they determine the prescaled LCD clock (clk
LCD_PS), which is clock-
ing the LCD module.
Table 23-3.
LCD Port Mask
LCDPM2
LCDPM1
LCDPM0
I/O Port in Use as Segment
Driver
Maximum Number of
Segments
0
0
0
SEG0:12
13
0
0
1
SEG0:14
15
0
1
0
SEG0:16
17
0
1
1
SEG0:18
19
1
0
0
SEG0:20
21
1
0
1
SEG0:22
23
1
1
0
SEG0:23
24
1
1
1
SEG0:24
25
Bit
7
654
3
2
1
0
(0xE6)
–
LCDPS2
LCDPS1
LCDPS0
–
LCDCD2
LCDCD1
LCDCD0
LCDFRR
Read/Write
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 23-4.
LCD Prescaler Select
LCDPS2
LCDPS1
LCDPS0
Output from
Prescaler
clk
LCD/N
Applied Prescaled LCD Clock Frequency
when LCDCD2:0 = 0, Duty = 1/4, and
Frame Rate = 64 Hz
000
clk
LCD/16
8.1 kHz
001
clkLCD/64
33 kHz
010
clk
LCD/128
66 kHz
011
clk
LCD/256
130 kHz
100
clkLCD/512
260 kHz
101
clk
LCD/1024
520 kHz
110
clk
LCD/2048
1 MHz
111
clkLCD/4096
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com