Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 250 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 246Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 247Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 248Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 249Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 250Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 251Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 252Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 253Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 393 page
background image
250
8018N–AVR–08/09
ATmega169P
23.5.5
LCD Memory Mapping
Write a LCD memory bit to one and the corresponding segment will be energized (visible).
Unused LCD Memory bits for the actual display can be used freely as storage.
Table 23-8.
LCD Contrast Control
LCDCC3
LCDCC2
LCDCC1
LCDCC0
Maximum Voltage V
LCD
00
00
2.60 V
00
01
2.65 V
00
10
2.70 V
00
11
2.75 V
01
00
2.80 V
01
01
2.85 V
01
10
2.90 V
01
11
2.95 V
10
00
3.00 V
10
01
3.05 V
10
10
3.10 V
10
11
3.15 V
11
00
3.20 V
11
01
3.25 V
11
10
3.30 V
11
11
3.35 V
Bit
76
543
21
0
––
–––
––
–
LCDDR19
COM3
––
–––
––
SEG324
LCDDR18
COM3
SEG323
SEG322
SEG321
SEG320
SEG319
SEG318
SEG317
SEG316
LCDDR17
COM3
SEG315
SEG314
SEG313
SEG312
SEG311
SEG310
SEG309
SEG308
LCDDR16
COM3
SEG307
SEG306
SEG305
SEG304
SEG303
SEG302
SEG301
SEG300
LCDDR15
––
–––
––
–
LCDDR14
COM2
––
–––
––
SEG224
LCDDR13
COM2
SEG223
SEG222
SEG221
SEG220
SEG219
SEG218
SEG217
SEG216
LCDDR12
COM2
SEG215
SEG214
SEG213
SEG212
SEG211
SEG210
SEG209
SEG208
LCDDR11
COM2
SEG207
SEG206
SEG205
SEG204
SEG203
SEG202
SEG201
SEG200
LCDDR10
––
–––
––
–
LCDDR9
COM1
––
–––
––
SEG124
LCDDR8
COM1
SEG123
SEG122
SEG121
SEG120
SEG119
SEG118
SEG117
SEG116
LCDDR7
COM1
SEG115
SEG114
SEG113
SEG112
SEG111
SEG110
SEG109
SEG108
LCDDR6
COM1
SEG107
SEG106
SEG105
SEG104
SEG103
SEG102
SEG101
SEG100
LCDDR5
––
–––
––
–
LCDDR4
COM0
––
–––
––
SEG024
LCDDR3
COM0
SEG023
SEG022
SEG021
SEG020
SEG019
SEG018
SEG017
SEG016
LCDDR2
COM0
SEG015
SEG014
SEG013
SEG012
SEG011
SEG010
SEG009
SEG008
LCDDR1
COM0
SEG007
SEG006
SEG005
SEG004
SEG003
SEG002
SEG001
SEG000
LCDDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com