Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 342 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 342 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 338Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 339Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 340Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 341Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 342Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 343Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 344Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 345Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 346Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 393 page
background image
342
8018N–AVR–08/09
ATmega169P
It is possible to calculate the typical current consumption based on the numbers from Table 29-2
for other V
CC and frequency settings than listed in Table 29-1.
29.3.0.1
Example 1
Calculate the expected current consumption in idle mode with USART0, TIMER1, and SPI
enabled at V
CC = 3.0V and F = 1MHz. From Table 29-2, second column, we see that we need to
add 12.4% for the USART0, 10.8% for the SPI, and 18.6% for the TIMER1 module. Reading
from Figure 29-6, we find that the idle current consumption is ~0.18mA at V
CC = 3.0V and F =
1MHz. The total current consumption in idle mode with USART0, TIMER1, and SPI enabled,
gives:
29.4
Power-down Supply Current
Figure 29-11. Power-down Supply Current vs. V
CC (Watchdog Timer Disabled)
PRSPI
3.2%
10.8%
PRTIM1
5.6%
18.6%
PRLCD
12.5%
41.7%
Table 29-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external clock
(see Figure 29-1 and Figure 29-2)
Additional Current consumption
compared to Idle with external clock
(see Figure 29-6 and Figure 29-7)
ICCtotal
0.18
mA
1
0.124
0.108
0.186
+++
()
•
0.26
mA
≈≈
85˚C
-40˚C
25˚C
POWER-DOWN SUPPLY CURRENT vs. VCC
WATCHDOG TIMER DISABLED
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com