Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 344 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 344 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 340Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 341Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 342Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 343Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 344Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 345Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 346Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 347Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 348Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 393 page
background image
344
8018N–AVR–08/09
ATmega169P
29.6
Standby Supply Current
Figure 29-14. Standby Supply Current vs. V
CC (32 kHz Watch Crystal, Watchdog Timer
Disabled)
Figure 29-15. Standby Supply Current vs. V
CC (455 kHz Resonator, Watchdog Timer Disabled)
85˚C
25˚C
-40˚C
STANDBY CURRENT vs. VCC
32 kHz WATCH CRYSTAL, WATCHDOG TIMER DISABLED
0.00
0.50
1.00
1.50
2.00
2.50
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VCC (V)
STANDBY SUPPLY CURRENT vs. V
CC
455 kHz RESONATOR, WATCHDOG TIMER DISABLED
0
10
20
30
40
50
60
70
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com